![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
APA06 - 3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter - Astec America, Inc |
|
Click Here View APA06 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ALQ25_03 | Single Output Open-Frame DC-DC Converter Module Industry Standard ¨ù Brick: 36V-75V Input / 5V Output | Astec America, Inc |
| PTQB425080 | 200-W 48-V INPUT 8-V OUTPUT SEMI-REGULATED ISOLATED DC-DC BUS CONVERTER | Texas Instruments |
| ZY7010L | 10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output | Power-One |
| AFL28XXS | 28V Input Single Output HYBRID-HIGH RELIABILITY DC/DC CONVERTER | International Rectifier |
| ZY7120 | 20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output | Power-One |
| BP5038A | AC/DC converter AC100V input 12V/30mA output | Rohm |
| BP5085-15 | AC/DC converter AC220V input output C220V output-1 : 15V/80mA output output-2 : 5V/350mA | Rohm |
| BP5047B15 | AC/DC converter AC220V input 15V/150mA output | Rohm |
| ART28XXT | 28V Input Triple Output / HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER | International Rectifier |
| BP5038A1 | AC/DC converter AC100V input 5V/30mA output | Rohm |
Link URL |
|
|
Related keyword |
| APA06 Datasheet | APA06 Cross Reference | APA06 Schematic | APA06 Distributor | APA06 Datenblatt | APA06 RoHS |
| APA06 Equivalent | APA06 Application Notes | APA06 Data Sheet | APA06 component | APA06 Fiche Technique | APA06 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |