![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
AA60A-036L-050D033H_02 - This specification covers the requirement for a wide input voltage range (18V to 60V) half brick - baseplate design, - Astec America, Inc |
|
Click Here View AA60A-036L-050D033H_02 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SP7652_06 | Wide Input Voltage Range 6A 600kHz Buck Regulator | Sipex Corporation |
| SP7653_06 | Wide Input Voltage Range 1.3MHz Buck Regulator | Sipex Corporation |
| SP7655_07 | Wide Input Voltage Range 8Amp 300kHz Buck Regulator | Sipex Corporation |
| SP7661_07 | Wide Input Voltage Range 3A 600kHz Buck Regulator | Sipex Corporation |
| SP7662_07 | Wide Input Voltage Range 12A 300kHz Buck Regulator | Sipex Corporation |
| SP7663_07 | Wide Input Voltage Range 6A 600kHz Buck Regulator | Sipex Corporation |
| R1154N001C | 150mA Voltage Regulator Wide Input Voltage Range | RICOH electronics devices division |
| R1514X | 150mA VOLTAGE REGULATOR Wide Input Voltage Range | RICOH electronics devices division |
| R1515X | 50mA VOLTAGE REGULATOR Wide Input Voltage Range | RICOH electronics devices division |
| SP7650_06 | Wide Input Voltage Range 3A 300kHz Buck Regulator | Sipex Corporation |
Link URL |
|
|
Related keyword |
| AA60A-036L-050D033H_02 Datasheet | AA60A-036L-050D033H_02 Cross Reference | AA60A-036L-050D033H_02 Schematic | AA60A-036L-050D033H_02 Distributor | AA60A-036L-050D033H_02 Datenblatt | AA60A-036L-050D033H_02 RoHS |
| AA60A-036L-050D033H_02 Equivalent | AA60A-036L-050D033H_02 Application Notes | AA60A-036L-050D033H_02 Data Sheet | AA60A-036L-050D033H_02 component | AA60A-036L-050D033H_02 Fiche Technique | AA60A-036L-050D033H_02 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |