|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
JDV4P08U - VCO for UHF Band Radio - Toshiba Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| JDV2S29FS | VCO for UHF Band Radio | 1 2 3 | Toshiba Semiconductor |
| JDV2S16FS | VCO for the UHF band | 1 2 | Toshiba Semiconductor |
| JDV2S05E | VCO for UHF band | 1 | Toshiba Semiconductor |
| 1SV239_07 | VCO for UHF Radio | 1 2 3 | Toshiba Semiconductor |
| EC2C03C | Diffused Junction Type Silicon Diode Variable Capacitance Diode for UHF Band VCO | 1 2 3 | Sanyo Semicon Device |
| S-AU83L | FM RF POWER AMPLIFIER MODULE for UHF BAND | 1 2 3 4 | Toshiba Semiconductor |
| KDV273UL | VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE VCO FOR UHF/VHF BAND | 1 2 | KEC(Korea Electronics) |
| B9203 | SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881 5 MHz | 1 2 3 4 5 More | EPCOS |
| RA07H0608M_06 | RoHS Compliance 68-88MHz 7W 12.5V 2 Stage Amp. For PORTABLE RADIO | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| RA13H4047M_06 | RoHS Compliance 400-470MHz 13W 12.5V 2 Stage Amp. For MOBILE RADIO | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|