|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1SS319 - Low Voltage High Speed Switching - Toshiba Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| 2SA2073 | High voltage discharge High speed switching Low Noise −60V −3A | 1 2 3 4 5 | Rohm |
| 2SC5865 | Transistors High voltage discharge High speed switching Low Noise 60V 1A | 1 2 3 4 5 | Rohm |
| 1SS293_07 | Low Voltage High Speed Switching | 1 2 3 | Toshiba Semiconductor |
| 1SS294_07 | Low Voltage High Speed Switching | 1 2 3 | Toshiba Semiconductor |
| 2SA2072 | High voltage discharge High speed switching Low Noise −60V −3A | 1 2 3 4 5 | Rohm |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | 1 2 3 4 5 | ON Semiconductor |
| MJE13011 | HIGH VOLTAGE HIGH SPEED SWITCHING | 1 2 3 4 | Unisonic Technologies |
| KTC3003HV | TRIPLE DIFFUSED NPN TRANSISTOR HIGH VOLTAGE AND HIGH SPEED SWITCHING APPLICATION | 1 2 | KEC(Korea Electronics) |
| 2SC3551 | TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING | 1 2 | Fuji Electric |
Datasheet Page |
1 2 3 |
Link URL |
|
|