|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
R6350_05 - 13 mm Dia. SIDE-ON COMPACT TYPE PHOTOMULTIPLIER TUBE - Hamamatsu Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| H9500 | FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY | 1 2 3 4 | Hamamatsu Corporation |
| R5108_03 | PHOTOMULTIPLIER TUBE 28 mm 1-1/8 Inch Transmission Mode S-1 Photocathode Side-on Type | 1 2 3 4 | Hamamatsu Corporation |
| R3810P | SUPER COMPACT PHOTOMULTIPLIER TUBE | 1 2 | Hamamatsu Corporation |
| H8500 | FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY | 1 2 3 4 | Hamamatsu Corporation |
| PQ1NXX3MXSPQ | Compact Surface Mount Type Compact Surface Mount Type | 1 2 3 4 5 | Sharp Electrionic Components |
| SPVM | Compact Two-way Operation Type Detector Switch | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| H8711_07 | MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY | 1 2 3 4 | Hamamatsu Corporation |
| R4632_06 | PHOTOMULTIPLIER TUBE | 1 2 | Hamamatsu Corporation |
| PQ1R30_02 | Low Output Current Compact Surface Mount Type Low Power-Loss Voltage Regulators | 1 2 3 4 5 More | Sharp Electrionic Components |
| R5070A | PHOTOMULTIPLIER TUBE | 1 2 | Hamamatsu Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|