|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
JZC-32F - 5A 10A switching capabilities - DB Lectro Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| MB3785A_03 | Switching Regulator Controller 4 Channels plus High-Precision High-Frequency Capabilities | 1 2 3 4 5 More | Fujitsu Component Limited. |
| RES100N03 | Switching 30V 10A | 1 2 3 4 | Rohm |
| JQX-141FF | Relay covers switching capacity from 10A to 16A | 1 2 3 | DB Lectro Inc |
| FFB20UP20DN | 10A 200V Ultrafast Dual Rectifiers | 1 2 3 4 5 | Fairchild Semiconductor |
| SBR10U200CT | 10A SBR Super Barrier Rectifier | 1 2 3 4 | Diodes Incorporated |
| ER1000FCT_06 | 10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| SB1020F_06 | 10A SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| SBR100-10JS | Schottky Barrier Diode Twin Type · Cathode Common 100V 10A Rectifier | 1 2 3 | Sanyo Semicon Device |
| IS215 | Small Outline Photo DMOS-FET Relay with high load current capabilities | 1 2 3 | ISOCOM COMPONENTS |
Datasheet Page |
1 2 |
Link URL |
|
|