Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      PI2DBS212(3)

Featured Products and Offers


Datasheet

    PI2DBS212 - 1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable - Pericom Semiconductor Corporation

Page

 
Part No. PI2DBS212
Description  1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
Download  PI2DBS212 Click to view
File Size   911.22 Kbytes / 10 Pages
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PI2DBS4121.8V 1.8GHz Differential Broadband Signal Switch 4-Differential Channel 2:1 Mux/DeMux Switch w/ Single Enable 1 2 3 4 5 MorePericom Semiconductor Corporation
PI2PCIE24121.8V PCI Express Gen-II Compliant 4-Differential Channel 2:1 Mux/DeMux Switch w/ Single Enable 1 2 3 4 5 MorePericom Semiconductor Corporation
PI2LVD5121.8V Wide-Bandwidth 5 Differential Channels 2:1 Mux/DeMux Switch with Dual Enable 1 2 3 4 5 MorePericom Semiconductor Corporation
PI3L5103.3V 4-Channel 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable 1 2 3 4 5 MorePericom Semiconductor Corporation
PI3HDMI412-B4-Differential Channel 2:1 Mux/DeMux DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard 1 2 3 4 5 MorePericom Semiconductor Corporation
PI3L500-A3.3V 8-Channel 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection 1 2 3 4 5 MorePericom Semiconductor Corporation
PI3USB10M4.2V Wide Bandwidth 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select 1 2 3 4 5 MorePericom Semiconductor Corporation
PI3HDMI412FT-A2:1 Mux/DeMux High Bandwidth > 5 Gbps HDMI 1.3 Compliant Signal Switch 1 2 3 4 5 MorePericom Semiconductor Corporation
PI3HDMI4144-Differential Channel 4:1 Mux/DeMux DVI/HDMI Compliant Signal Switch 1 2 3 4 5 MorePericom Semiconductor Corporation
PI3HDMI413-A4-Differential Channel 3:1 Mux/DeMux DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard 1 2 3 4 5 MorePericom Semiconductor Corporation

Datasheet Page

1 2 3 4 5 6 7 8 9 10


Link URL

Related keyword

  PI2DBS212 Datasheet   PI2DBS212 Cross Reference   PI2DBS212 Schematic   PI2DBS212 Distributor   PI2DBS212 Datenblatt   PI2DBS212 RoHS
  PI2DBS212 Equivalent   PI2DBS212 Application Notes   PI2DBS212 Data Sheet   PI2DBS212 component   PI2DBS212 Fiche Technique   PI2DBS212 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl