|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
US6K4 - 1.8V Drive NchNch MOSFET - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| QS5U34 | 1.8V Drive Nch+SBD MOSFET | 1 2 3 4 5 | Rohm |
| RUF015N02 | 1.8V Drive Nch MOSFET | 1 2 3 4 | Rohm |
| US6K2_1 | 4V Drive Nch+Nch MOSFET | 1 2 3 4 | Rohm |
| ZXMN2B01F | 20V SOT23 N-channel enhancement mode MOSFET with low gate drive capability | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN2B03E6 | 20V SOT23-6 N-channel enhancement mode MOSFET with low gate drive capability | 1 2 3 4 5 More | Zetex Semiconductors |
| RSU002P03 | 4V Drive Pch MOSFET | 1 2 3 4 5 | Rohm |
| ZXMN2B14FH | 20V SOT23 N-channel enhancement mode MOSFET with low gate drive capability | 1 2 3 4 5 More | Zetex Semiconductors |
| RDD050N20 | 10V Drive Nch MOSFET | 1 2 3 4 5 More | Rohm |
| FDW254P_01 | P-Channel 1.8V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| ZXMN3B14F_06 | 30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE | 1 2 3 4 5 More | Zetex Semiconductors |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|