|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
K3413-08 - Two-color detector Wide spectral response range from UV to IR - Hamamatsu Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| K1713-05_06 | Two-color detector Wide spectral response range from UV to IR | 1 2 3 4 | Hamamatsu Corporation |
| SMD0805 | These devices offer wide range in hold currents from 0.1 A to 1.0 A and voltages from 6 V to 15 V | 1 2 | Littelfuse |
| SMD2016 | These devices offer a wide range of hold currents from 0.3 A to 2.0 A and voltages form 6 V to 60 V. | 1 2 | Littelfuse |
| HUR6060 | High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode | 1 2 3 | List of Unclassifed Manufacturers |
| R1LV0416C-I | Wide Temperature Range Version 4M SRAM 256-kword à 16-bit | 1 2 3 4 5 More | Renesas Technology Corp |
| DI-33 | Wide Range DVD Supply: <50 mW No-load Consumption | 1 2 | Power Integrations, Inc. |
| MBR4030PT | Wide Temperature Range and High Tjm Schottky Barrier Rectifiers | 1 2 | List of Unclassifed Manufacturers |
| ICS97U877AHLF | 1.8V Wide Range Frequency Clock Driver | 1 2 3 4 5 More | Integrated Circuit Systems |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|