|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
G9230-01 - InGaAs PIN photodiode - Hamamatsu Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PD-1170 | InGaAs PIN PHOTODIODE 3 mm InGaAs PIN Photdiode with TO-5 Package | 1 2 | Optoway Technology Inc |
| G67150 | InGaAs PIN photodiode array | 1 2 | Hamamatsu Corporation |
| OD125 | InGaAs PIN Photodiode for Optical Communications | 1 2 3 | OKI electronic componets |
| G8370-81 | InGaAs PIN photodiode | 1 2 3 | Hamamatsu Corporation |
| PD-1190 | InGaAs PIN PHOTODIODE 2 mm InGaAs PIN Photdiode with TO-5 Package | 1 2 | Optoway Technology Inc |
| G8376_06 | InGaAs PIN photodiode | 1 2 | Hamamatsu Corporation |
| PD-1300 | InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL | 1 2 | Optoway Technology Inc |
| G8421_06 | InGaAs PIN photodiode | 1 2 3 4 | Hamamatsu Corporation |
| PD-1310 | InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL | 1 2 | Optoway Technology Inc |
| G8422_06 | InGaAs PIN photodiode | 1 2 3 4 | Hamamatsu Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|