|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BR34L02FV-WE2 - 2Kbit Serial I2C BUS EEPROM For SPD DRAM Memory Module - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M24C16 | 16Kbit 8Kbit 4Kbit 2Kbit and 1Kbit Serial I2C Bus EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| MCP98242 | Memory Module Temperature Sensor w/ EEPROM for SPD | 1 2 3 4 5 More | Microchip Technology |
| M34C02-W | 2 Kbit Serial I²C Bus EEPROM for DIMM serial presence detect | 1 2 3 4 5 More | STMicroelectronics |
| KK24LC16 | 16K Serial EEPROM with I2C bus | 1 2 3 | KODENSHI KOREA CORP. |
| 24AA00_07 | 128 Bit I2C Bus Serial EEPROM | 1 2 3 4 5 More | Microchip Technology |
| KK24LC16B | 16K Serial EEPROM with I2C bus | 1 2 3 | KODENSHI KOREA CORP. |
| BR34E02-W | DDR/DDR2 For memory module SPD Memory | 1 2 3 4 5 More | Rohm |
| M24512-W | 512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines | 1 2 3 4 5 More | STMicroelectronics |
| M24128 | 128 Kbit 64 Kbit and 32 Kbit serial I2C bus EEPROM | 1 2 3 4 5 More | STMicroelectronics |
| AK6004A_02 | I2C bus 4K / 16Kbit Serial CMOS EEPROM | 1 2 3 4 5 More | Asahi Kasei Microsystems |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 |
Link URL |
|
|