![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BA00DD0WCP-V5 - 2A Low Dropout Voltage Regulator with Shut Down Switch - Rohm |
|
Click Here View BA00DD0WCP-V5 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BA00CC0WCP-V5 | 1A Low Dropout Voltage Regulator with Shut Down Switch Adustable Voltage | Rohm |
| NCP623_06 | Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control | ON Semiconductor |
| NCP5661_06 | Low Output Voltage Ultra−Fast 1.0 A Low Dropout Linear Regulator with Enable | ON Semiconductor |
| NCP5662_07 | Low Output Voltage Ultra−Fast 2.0 A Low Dropout Linear Regulator with Enable | ON Semiconductor |
| SC1541 | 1.0A Low Dropout Voltage Regulator with Enable | Semtech Corporation |
| L4949_06 | 100 mA 5.0 V Low Dropout Voltage Regulator with Power−On Reset | ON Semiconductor |
| XC6215 | 0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch | Torex Semiconductor |
| MC33375_06 | 300 mA Low Dropout Voltage Regulator with On/Off Control | ON Semiconductor |
| NCP5661 | Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable | ON Semiconductor |
Link URL |
|
|
Related keyword |
| BA00DD0WCP-V5 Datasheet | BA00DD0WCP-V5 Cross Reference | BA00DD0WCP-V5 Schematic | BA00DD0WCP-V5 Distributor | BA00DD0WCP-V5 Datenblatt | BA00DD0WCP-V5 RoHS |
| BA00DD0WCP-V5 Equivalent | BA00DD0WCP-V5 Application Notes | BA00DD0WCP-V5 Data Sheet | BA00DD0WCP-V5 component | BA00DD0WCP-V5 Fiche Technique | BA00DD0WCP-V5 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |