![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1FI150B-060 - 600V / 150A 1 in one-package FAST RECOVERY DIODE MODULE - ETC |
|
Click Here View 1FI150B-060 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2MBI150U2A-060 | IGBT Module U-Series 600V / 150A 2 in one-package | Fuji Electric |
| DFM600BXS12-A000 | Fast Recovery Diode Module | Dynex Semiconductor |
| DFM600FXS12-A000 | Fast Recovery Diode Module | Dynex Semiconductor |
| 2FI100G-100 | FAST RECOVERY DIODE MODULE | Fuji Electric |
| 10ETF06SPBF | FAST SOFT RECOVERY RECTIFIER DIODE | International Rectifier |
| BA157_06 | 1.0A FAST RECOVERY DIODE | Won-Top Electronics |
| FR201_06 | 2.0A FAST RECOVERY DIODE | Won-Top Electronics |
| 5SDF10H6004 | Fast Recovery Diode | The ABB Group |
| SF10LC30SM | Super Fast Recovery Diode | Shindengen Electric Mfg.Co.Ltd |
| SF1A200H | Ultra Fast Recovery Diode | AUK corp |
Link URL |
|
|
Related keyword |
| 1FI150B-060 Datasheet | 1FI150B-060 Cross Reference | 1FI150B-060 Schematic | 1FI150B-060 Distributor | 1FI150B-060 Datenblatt | 1FI150B-060 RoHS |
| 1FI150B-060 Equivalent | 1FI150B-060 Application Notes | 1FI150B-060 Data Sheet | 1FI150B-060 component | 1FI150B-060 Fiche Technique | 1FI150B-060 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |