|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NBXDBA012LN1TAG - 3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NB3N3001 | 3.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output | 1 2 3 4 5 More | ON Semiconductor |
| NB3N3011 | 3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output | 1 2 3 4 5 More | ON Semiconductor |
| M3L_07 | 3.2x5 mm 3.3 or 5.0 Volt HCMOS Clock Oscillator | 1 2 | MTRONPTI |
| M3R_0612 | 9x14 mm 3.3 Volt HCMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| M5R_0611 | 9x14 mm 3.3 Volt LVPECL/LVDS Clock Oscillator | 1 2 | MTRONPTI |
| M7S_0611 | 9x14 mm 5.0 or 3.3 Volt HCMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| M8R_0611 | 9x16 mm 3.3 Volt HCMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| M2001_0611 | 5x7 mm 3.3 Volt CMOS/LVPECL/LVDS Clock Oscillator | 1 2 3 | MTRONPTI |
| M2532 | 2.5 x 3.2 mm 3.3 Volt HCMOS Clock Oscillator | 1 | MTRONPTI |
| NB4L339_07 | 2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator / Divider / Fan−Out Buffer | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|