Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1231 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1231 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1231
Download  YB1231 Download

File Size   522.01 Kbytes
Page   10 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Low-Noise LDO Regulator

YB1231 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1231 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1231
Download  YB1231 Click to download

File Size   522.01 Kbytes
Page   10 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Low-Noise LDO Regulator

YB1231 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.

YB1231 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1231 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1231 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1231 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1231 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1231 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1231 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1231 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1231 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1231 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC.

YB1231 Product details

Description

The YB1231 is a series of ultra-low-noise, low dropout (LDO) linear regulators with 2.0% output voltage accuracy. The YB1231 regulators achieve a low 440mV dropout at 600mA load current of 4.5V output and are available in voltages ranging from 3.2V to 4.5V with 0.1 V per step (custom voltage is considerable at request).

The YB1231 regulators are optimized to work with low-ESR and low cost ceramic capacitors, reducing the amount of board space critical in hand-held devices. The YB1231 requires only 2.2 μF output capacitor for stability with any load and consumes less than 1μA in shutdown mode.

Built-in thermal shutdown and short-circuit protect offer secure protection against fault operation. The YB1231 regulators are available in SOT-23 / SOT-25 / SOT-89 packages.



Features

■ 2.0% Accuracy Output Voltage

■ Output Voltage range 3.2V~4.5V

■ Low-Noise Low-Drop-Out

■ Stable with 2.2μF Ceramic Capacitor for Any Load

■ Typical Output Current : 600 mA

■ Low Quiescent Current : ~100μA

■ 440mV Dropout at 600mA Load (4.5V)

■ Only Need Input and Output Capacitors

■ Power Saving Shutdown Mode (<1μA)

■ Thermal Protection Shutdown

■ Built-In Internal Soft-Start

■ Output Short-circuit Current Limit Protection

■ Green package (RoHS) available



Applications

■ PDA, Palmtops and Notebook Computers

■ DSC, Handset Camera Modules

■ PCMCIA Cards, PC Cameras

■ USB Based Portable Devices (MP3, PMP)

■ GSM/GPRS/3G RF Transceiver Modules

■ Wireless LANs

■ Bluetooth Portable Radios



 




Similar Part No. - YB1231

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1231ST23X320 YOBON-YB1231ST23X320 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST23X330 YOBON-YB1231ST23X330 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST23X340 YOBON-YB1231ST23X340 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST23X350 YOBON-YB1231ST23X350 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST23X360 YOBON-YB1231ST23X360 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
More results


Similar Description - YB1231

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
E-Tech Electronics LTD
LR1102 ETL-LR1102 Datasheet
490Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Micrel Semiconductor
MIC5206 MICREL-MIC5206 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
logo
RICOH electronics devic...
R1111N RICOH-R1111N Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com