|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BTA412Y-800B - 12 A Three-quadrant triacs, insulated, high commutation, high temperature - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BTA312 | 12 A Three-quadrant triacs high commutation high temperature | 1 2 3 4 5 More | NXP Semiconductors |
| BTA312B | 12 A Three-quadrant triacs high commutation | 1 2 3 4 5 More | NXP Semiconductors |
| BTA312X | 12 A Three-quadrant triacs high commutation | 1 2 3 4 5 More | NXP Semiconductors |
| BTA316 | 16 A Three-quadrant triacs high commutation | 1 2 3 4 5 More | NXP Semiconductors |
| BTA316X | 16 A Three-quadrant triacs high commutation | 1 2 3 4 5 More | NXP Semiconductors |
| BTA201 | 1 A Three-quadrant triacs high commutation | 1 2 3 4 5 More | NXP Semiconductors |
| BTA201W | 1 A Three-quadrant triacs high commutation | 1 2 3 4 5 More | NXP Semiconductors |
| BTA204X | Three quadrant triacs high commutation | 1 2 3 4 5 More | NXP Semiconductors |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| T1635H | Snubberless TM high temperature 16 A Triacs | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|