|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SBR02U100LP - 0.2A SBR® Surface Mount Super Barrier Rectifier - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SBR05U20LP | Surface Mount Super Barrier Rectifier | 1 2 3 | International Rectifier |
| SBR2A30P1 | 2.0A SBR Surface Mount Super Barrier Rectifier | 1 2 3 4 | Diodes Incorporated |
| SBR2A40P1 | 2.0A SBR Surface Mount Super Barrier Rectifier | 1 2 3 4 | Diodes Incorporated |
| SBR3M30P1 | 3.0A SBR Surface Mount Super Barrier Rectifier | 1 2 3 4 | Diodes Incorporated |
| SBR2M30P1 | 2.0A SBR Surface Mount Super Barrier Rectifier | 1 2 3 4 | Diodes Incorporated |
| SBG2030CT_1 | 20A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| FM320B | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes | 1 2 3 | Rectron Semiconductor |
| MSCD102 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Zowie Technology Corporation |
| SS12W | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Pan Jit International Inc. |
| UFM301 | SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes | 1 2 3 | Rectron Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|