|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PCI6466 - Dual-Mode (Transparent & Non-Transparent) Universal FastLane™ 64-bit, 66MHz PCI-to-PCI Bridge - PLX Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PCI6254 | Dual-Mode Transparent & Non-Transparent Universal FastLane⢠PCI -to-PCI Bridge | 1 | PLX Technology |
| PCI6152 | FastLane⢠PCI-to-PCI Bridge Chips | 1 | PLX Technology |
| 21555 | Non-Transparent PCI-to-PCI Bridge | 1 2 | Intel Corporation |
| PCI6156 | Synchronous 32-bit 33MHz PCI-to-PCI Bridge for Video Capture Applications | 1 2 | PLX Technology |
| PI7C8150A | 2-PORT PCI-to-PCI BRIDGE | 1 2 3 4 5 More | Pericom Semiconductor Corporation |
| PI7C8152A_07 | 2-Port PCI-to-PCI Bridge | 1 2 3 4 5 More | Pericom Semiconductor Corporation |
| 1102D | 200 V - 1 000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| LTI602 | 200 V - 1 000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| SKB25 | Power Bridge Rectifiers | 1 2 3 4 | Semikron International |
| L6225_03 | DMOS DUAL FULL BRIDGE DRIVER | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 |
Link URL |
|
|