|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
VSC7977 - 1/2/4 Gbps Multirate Transimpedance Amplifier - Vitesse Semiconductor Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ADN2880 | 3.2 Gbps 3.3 V Low Noise Transimpedance Amplifier | 1 2 3 4 5 More | Analog Devices |
| VSC7964 | 1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier | 1 2 | Vitesse Semiconductor Corporation |
| ADN2882 | 4.25 Gbps 3.3V Low Noise Transimpedance Amplifier | 1 2 3 4 5 More | Analog Devices |
| KGA4133 | 12.5 Gbps Transimpedance Amplifier IC | 1 2 3 4 | OKI electronic componets |
| VSC7716 | 1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON EPON Systems | 1 2 | Vitesse Semiconductor Corporation |
| VSC7878 | 10 Gbps Linear Transimpedance Amplifier | 1 2 | Vitesse Semiconductor Corporation |
| ADN2821 | 11.1 Gbps 3.3V Transimpedance Amplifier | 1 2 3 4 5 More | Analog Devices |
| SY88353BL_07 | 3.3V 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold | 1 2 3 4 5 More | Micrel Semiconductor |
| SFT-0100 | Transimpedance Amplifier | 1 2 3 4 | SIRENZA MICRODEVICES |
| TZA3036 | SDH/SONET STM1/OC3 transimpedance amplifier | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 |
Link URL |
|
|