|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
STCS1 - 1.5 A max constant current LED driver - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LB8681CL | Monolithic Digital IC Constant Current Driver IC with H-bridge à 1.5 Channel | 1 2 3 4 5 | Sanyo Semicon Device |
| CL1 | Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC | 1 2 3 4 5 More | Supertex, Inc |
| RT9269 | Tiny Package High Efficiency Constant Current LED Driver | 1 2 3 4 5 More | Richtek Technology Corporation |
| CL6 | Linear Fixed 100mA Constant Current LED Driver | 1 2 3 4 5 | Supertex, Inc |
| STP08C596 | 8-BIT CONSTANT CURRENT LED SINK DRIVER | 1 2 3 4 5 More | STMicroelectronics |
| DI-74 | 1.25 W Non-Isolated Constant Current LED Driver | 1 2 | Power Integrations, Inc. |
| CL7 | Linear 100mA Constant Current LED Driver with Enable | 1 2 3 4 | Supertex, Inc |
| A6280 | 3 Bit Constant Current LED Driver with PWM Control | 1 2 3 4 5 More | Allegro MicroSystems |
| DI-92 | 0.5 W Non-Isolated Constant Current LED Driver | 1 2 | Power Integrations, Inc. |
| CL25 | Simple 90V 25mA Temperature Compensated Constant Current LED Driver IC | 1 2 3 4 5 | Supertex, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 |
Link URL |
|
|