|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HV07 - 750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS - First Components International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | 1 2 3 4 5 | ON Semiconductor |
| CRVT | HIGH VOLTAGE SILICON RECTIFIERS | 1 2 | Electronic devices inc. |
| X20FF3L | High Voltage Rectifiers - Surface Mount | 1 | Voltage Multipliers Inc. |
| CYL | HIGH VOLTAGE CYLINDER SILICON RECTIFIERS | 1 2 | Electronic devices inc. |
| Z20FF3LL | High Voltage Rectifiers - Formed Lead | 1 | Voltage Multipliers Inc. |
| DL1200 | FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS | 1 2 | Electronic devices inc. |
| KVF | 500 mA SILICON RECTIFIERS HIGH VOLTAGE | 1 2 | Electronic devices inc. |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| DR300 | FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS | 1 2 | Electronic devices inc. |
| LHC | HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS | 1 2 | Electronic devices inc. |
Datasheet Page |
1 2 |
Link URL |
|
|