|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N5252B - 1/2 Watt ZENER DIODES - First Components International |
|
Click 1N5252B to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N5230 | 1/2 Watt ZENER DIODES | First Components International |
| 3SMAJ5913B | 3.0 Watt Surface Mount Silicon Zener Diodes | Micro Commercial Components |
| 1N4728A | SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES | TRANSYS Electronics Limited |
| SZ5706 | 5.0 WATT 6.8 - 270 VOLTS ZENER DIODES | Solid States Devices, Inc |
| 1N4728 | 1 Watt ZENER DIODES 3.3V to 100V | First Components International |
| PZUXB | Single Zener diodes in a SOD323F package | NXP Semiconductors |
| GDMBZ5221B | ZENER DIODES | GTM CORPORATION |
| SMZ1 | Surface mount diode Zener silicon diodes | Semikron International |
| 1N5926B_04 | GLASS PASSIVATED JUNCTION SILICON ZENER DIODES | Pan Jit International Inc. |
| BZT52-C2V4S_05 | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
Link URL |
|
|
Related keyword |
| 1N5252B Datasheet | 1N5252B Cross Reference | 1N5252B Schematic | 1N5252B Distributor | 1N5252B Datenblatt | 1N5252B RoHS |
| 1N5252B Equivalent | 1N5252B Application Notes | 1N5252B Data Sheet | 1N5252B component | 1N5252B Fiche Technique | 1N5252B Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |