|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BAS19 - 200 mW EPITAXIAL PLANAR HIGH-SPEED DIODES - First Components International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BAW56 | SILICON PLANAR EPITAXIAL HIGH-SPEED DIODES | 1 2 | TRANSYS Electronics Limited |
| BAS16 | 200 mW EPITAXIAL PLANAR DIODES | 1 | First Components International |
| BAV99 | SILICON PLANAR EPITAXIAL HIGH-SPEED DIODES | 1 2 | TRANSYS Electronics Limited |
| BAV70 | SILICON PLANAR EPITAXIAL HIGH-SPEED DIODES | 1 2 | TRANSYS Electronics Limited |
| BAS29 | SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE | 1 2 | TRANSYS Electronics Limited |
| LL4150 | Silicon Epitaxial Planar Diodes | 1 2 3 4 5 | Vishay Siliconix |
| 2SA2179 | PNP Epitaxial Planar Silicon Transistor 50V / 13A High-Speed Switching Applications | 1 2 3 4 | Sanyo Semicon Device |
| 1N914 | 250 mW EPITAXIAL PLANAR DIODES | 1 | First Components International |
| 2SA2207 | PNP Epitaxial Planar Silicon Transistor 50V / 13A High-Speed Switching Applications | 1 2 3 4 | Sanyo Semicon Device |
| 1N4148 | 500 mW EPITAXIAL PLANAR DIODES | 1 | First Components International |
Datasheet Page |
1 |
Link URL |
|
|