|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5246B - 1/2 Watt ZENER DIODES - First Components International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N4728A | SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES | 1 2 3 | TRANSYS Electronics Limited |
| SZ5706 | 5.0 WATT 6.8 - 270 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| 1N4728 | 1 Watt ZENER DIODES 3.3V to 100V | 1 2 | First Components International |
| 3SMAJ5913B | 3.0 Watt Surface Mount Silicon Zener Diodes | 1 2 3 4 | Micro Commercial Components |
| 1N5221 | 1/2 Watt ZENER DIODES | 1 2 3 | First Components International |
| BZX84J | Single Zener diodes | 1 2 3 4 5 More | NXP Semiconductors |
| 1N4565AUR-1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | 1 2 | Microsemi Corporation |
| LLZ2V4 | 500mW Silicon Zener Diodes | 1 2 3 4 5 More | Micro Commercial Components |
| BZT52C3V0 | Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage | 1 2 | Diotec Semiconductor |
| ZY1 | Axial lead diode Zener silicon diodes | 1 | Semikron International |
Datasheet Page |
1 2 |
Link URL |
|
|