|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N5252A - 1/2 Watt ZENER DIODES - First Components International |
|
Click 1N5252A to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N4728A | SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES | TRANSYS Electronics Limited |
| SZ5706 | 5.0 WATT 6.8 - 270 VOLTS ZENER DIODES | Solid States Devices, Inc |
| 1N4728 | 1 Watt ZENER DIODES 3.3V to 100V | First Components International |
| 3SMAJ5913B | 3.0 Watt Surface Mount Silicon Zener Diodes | Micro Commercial Components |
| 1N5221 | 1/2 Watt ZENER DIODES | First Components International |
| BZX84J | Single Zener diodes | NXP Semiconductors |
| 1N4565AUR-1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | Microsemi Corporation |
| LLZ2V4 | 500mW Silicon Zener Diodes | Micro Commercial Components |
| BZT52C3V0 | Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage | Diotec Semiconductor |
| ZY1 | Axial lead diode Zener silicon diodes | Semikron International |
Link URL |
|
|
Related keyword |
| 1N5252A Datasheet | 1N5252A Cross Reference | 1N5252A Schematic | 1N5252A Distributor | 1N5252A Datenblatt | 1N5252A RoHS |
| 1N5252A Equivalent | 1N5252A Application Notes | 1N5252A Data Sheet | 1N5252A component | 1N5252A Fiche Technique | 1N5252A Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |