|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5345B - 5 Watt ZENER DIODES - First Components International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SZ5706 | 5.0 WATT 6.8 - 270 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| 1N4728 | 1 Watt ZENER DIODES 3.3V to 100V | 1 2 | First Components International |
| 3SMAJ5913B | 3.0 Watt Surface Mount Silicon Zener Diodes | 1 2 3 4 | Micro Commercial Components |
| 1N5230 | 1/2 Watt ZENER DIODES | 1 2 | First Components International |
| 1N4728A | SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES | 1 2 3 | TRANSYS Electronics Limited |
| 1N5221 | 1/2 Watt ZENER DIODES | 1 2 3 | First Components International |
| 1N821_1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | 1 2 | Microsemi Corporation |
| CZRW55C2V4-G | Surface Mount Zener Diodes | 1 2 3 4 | Comchip Technology |
| SZ6A7.5 | 6.0W 8.0W and 10W 7.5 - 270 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| ZMD1 | Surface mount diode Zener silicon diodes | 1 | Semikron International |
Datasheet Page |
1 2 3 |
Link URL |
|
|