|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PD-5100 - 1.55 μm WDM PIN PHOTODIODES - Optoway Technology Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PD-3100 | 1.3 μm WDM PIN PHOTODIODES | 1 2 | Optoway Technology Inc |
| CLD240 | Silicon PIN Photodiodes | 1 2 | List of Unclassifed Manufacturers |
| MADP-042005-S | SURMOUNT TM 5 μm PIN Diodes | 1 2 3 4 | Tyco Electronics |
| FU-68SDF-X8YYMZZF | 1.55 μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| PD-1100 | InGaAs PIN PHOTODIODES | 1 2 | Optoway Technology Inc |
| PD-1110 | InGaAs PIN PHOTODIODES | 1 2 | Optoway Technology Inc |
| PD-1150-XXX | InGaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package | 1 2 3 | Optoway Technology Inc |
| PD-1180 | InGaAs PIN PHOTODIODES 1 mm InGaAs PIN Photdiode with TO-46 Package | 1 2 | Optoway Technology Inc |
| PD-1181 | InGaAs PIN PHOTODIODES 0.5 mm InGaAs PIN Photdiode with TO-46 Package | 1 2 | Optoway Technology Inc |
| FU-650SDF-FX49MXX | 1.55 μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL | 1 2 3 4 5 | Mitsubishi Electric Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|