|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SIR91-21C - .9mm Round Subminiature “Z-Bend” Lead Infrared LED - Everlight Electronics Co., Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SID300 | 5phi Round Infrared LED | 1 | Sanken electric |
| SID1010M | 5phi Round Infrared LED | 1 | Sanken electric |
| SID1050M | 5phi Round Infrared LED Direct Mount | 1 | Sanken electric |
| SID2010 | 3phi Round Infrared LED | 1 | Sanken electric |
| WP793SRC-D | 8mm ROUND LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| LC503NPP1-20H-A3 | 5-mm Round LED | 1 2 3 4 | Cree, Inc |
| LC503TWR1-15Q-A1 | 5-mm Round LED | 1 2 3 4 5 More | Cree, Inc |
| L-819EGW | 10mm ROUND LED LAMP | 1 2 3 | Kingbright Corporation |
| QEB363_06 | Subminiature Plastic Infrared Emitting Diode | 1 2 3 4 5 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|