Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR54NP-3R3MC Datasheet (PDF) - Sumida Corporation

CR54NP-3R3MC Datasheet PDF - Sumida Corporation
Part # CR54NP-3R3MC
Download  CR54NP-3R3MC Download

File Size   40.36 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description POWER INDUCTORS Type: CR Series>

CR54NP-3R3MC Datasheet (PDF)

Go To PDF Page Download Datasheet
CR54NP-3R3MC Datasheet PDF - Sumida Corporation

Part # CR54NP-3R3MC
Download  CR54NP-3R3MC Click to download

File Size   40.36 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description POWER INDUCTORS Type: CR Series>

CR54NP-3R3MC Datasheet (HTML) - Sumida Corporation

CR54NP-3R3MC Datasheet HTML 1Page - Sumida Corporation CR54NP-3R3MC Datasheet HTML 2Page - Sumida Corporation



Similar Part No. - CR54NP-3R3MC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
CR54-100 MPS-CR54-100 Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
CR54-100 MPS-CR54-100 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
CR54-100 MPS-CR54-100 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
CR54-100 MPS-CR54-100 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
CR54-100 MPS-CR54-100 Datasheet
298Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
More results


Similar Description - CR54NP-3R3MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
CR5D11 SUMIDA-CR5D11_06 Datasheet
188Kb / 2P
   POWER INDUCTORS
CR43 SUMIDA-CR43 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR75 SUMIDA-CR75_06 Datasheet
160Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com