![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
DL-5128-C390 - 1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES - Optoway Technology Inc |
|
Click Here View DL-5128-C390 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| DL-5100-CXX0 | 1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES | Optoway Technology Inc |
| DL-3100S | 1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES | Optoway Technology Inc |
| DL-3100 | 1310 nm DFB LASER DIODES MQW-DFB LASER DIODES | Optoway Technology Inc |
| DL-5100 | 1550 nm DFB LASER DIODES MQW-DFB LASER DIODES | Optoway Technology Inc |
| DL-5100-1490 | 1490 nm DFB LASER DIODES MQW-DFB LASER DIODES | Optoway Technology Inc |
| DL-5100-1625 | 1625 nm DFB LASER DIODES MQW-DFB LASER DIODES | Optoway Technology Inc |
| DL-5100-1650 | 1650 nm DFB LASER DIODES MQW-DFB LASER DIODES | Optoway Technology Inc |
| NX8567SA | EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240 360 600 km DWDM APPLICATIONS | California Eastern Labs |
| NX6307 | 1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS | California Eastern Labs |
| LC25WC | 2.5 Gb/s CWDM Buried Het Laser 80Km reach | Bookham, Inc. |
Link URL |
|
|
Related keyword |
| DL-5128-C390 Datasheet | DL-5128-C390 Cross Reference | DL-5128-C390 Schematic | DL-5128-C390 Distributor | DL-5128-C390 Datenblatt | DL-5128-C390 RoHS |
| DL-5128-C390 Equivalent | DL-5128-C390 Application Notes | DL-5128-C390 Data Sheet | DL-5128-C390 component | DL-5128-C390 Fiche Technique | DL-5128-C390 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |