Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTRS-5640G Datasheet (PDF) - Optoway Technology Inc

BTRS-5640G Datasheet PDF - Optoway Technology Inc
Part # BTRS-5640G
Download  BTRS-5640G Download

File Size   130.49 Kbytes
Page   6 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver

BTRS-5640G Datasheet (PDF)

Go To PDF Page Download Datasheet
BTRS-5640G Datasheet PDF - Optoway Technology Inc

Part # BTRS-5640G
Download  BTRS-5640G Click to download

File Size   130.49 Kbytes
Page   6 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver

BTRS-5640G Datasheet (HTML) - Optoway Technology Inc

BTRS-5640G Datasheet HTML 1Page - Optoway Technology Inc BTRS-5640G Datasheet HTML 2Page - Optoway Technology Inc BTRS-5640G Datasheet HTML 3Page - Optoway Technology Inc BTRS-5640G Datasheet HTML 4Page - Optoway Technology Inc BTRS-5640G Datasheet HTML 5Page - Optoway Technology Inc BTRS-5640G Datasheet HTML 6Page - Optoway Technology Inc

BTRS-5640G Product details

DESCRIPTION
The BTRS-5640G series is high performance module for single fiber communications by using 1310 nm transmitter and 1550 nm receiver. The transmitter section uses a multiple quantum well laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated 1550 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry.

FEATURES
● Single Fiber Bi-Directional Transceiver
● 1310 nm Transmitter
● 1550 nm Receiver
● Distance Up to 40 km
● Single +3.3 V Power Supply
● Speed up to 650 Mb/s
● RoHS Compliant
● PECL Differential Inputs and Outputs
● 0 to 70oC Operating Temperature: BTR-5640G
● -20 to 85oC Operating Temperature: BTR-5640AG
● Wave Solderable and Aqueous Washable
● Class 1 Laser International Safety Standard IEC-60825
   Compliant

APPLICATIONS
● WDM 622 Mb/s Links
● SONET/SDH Equipment Interconnect
● Fast Ethernet & Fiber Channel Links




Similar Part No. - BTRS-5640G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-5640G OPTOWAY-BTRS-5640G Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5640G OPTOWAY-BTRS-5640G_09 Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Similar Description - BTRS-5640G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-5740G OPTOWAY-BTRS-5740G Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5720G OPTOWAY-BTR-5720G Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5740G OPTOWAY-BTR-5740G Datasheet
111Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5620G OPTOWAY-BTRS-5620G_09 Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5620G OPTOWAY-BTRS-5620G Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5740G OPTOWAY-BTRS-5740G_09 Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5620G OPTOWAY-BTR-5620G Datasheet
111Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5640G OPTOWAY-BTR-5640G Datasheet
109Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5720G OPTOWAY-BTRS-5720G Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5640G OPTOWAY-BTRS-5640G_09 Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com