![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BAS40-06 - SCHOTTKY DIODE - TRANSYS Electronics Limited |
|
Click Here View BAS40-06 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| XBS104S14 | Schottky Barrier Diode 1A 40V SOD-123A Package | Torex Semiconductor |
| SB3003CH | Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode | Sanyo Semicon Device |
| SBM0204R | Schottky Barrier Diode 40V 0.2A Rectifier | Sanyo Semicon Device |
| SBT80-06LS | Schottky Barrier Diode Twin Type กค Cathode Common 60V 8A Rectifier | Sanyo Semicon Device |
| SBT250-04Y | Schottky Barrier Diode Twin Type กค Cathode Common 40V 25A Rectifier | Sanyo Semicon Device |
| SCH2817_07 | MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device | Sanyo Semicon Device |
| SMS3925-079 | Low Capacitance High-Voltage Schottky Diode | Skyworks Solutions Inc. |
| 1N6263W | Surface Mount Schottky Barrier Diode | Taiwan Semiconductor Company, Ltd |
| DG1J10A | Schottky Barrier Diode | Shindengen Electric Mfg.Co.Ltd |
| SDB310WMU_1 | Schottky Barrier Diode | AUK corp |
Link URL |
|
|
Related keyword |
| BAS40-06 Datasheet | BAS40-06 Cross Reference | BAS40-06 Schematic | BAS40-06 Distributor | BAS40-06 Datenblatt | BAS40-06 RoHS |
| BAS40-06 Equivalent | BAS40-06 Application Notes | BAS40-06 Data Sheet | BAS40-06 component | BAS40-06 Fiche Technique | BAS40-06 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |