![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1N6098 - SCHOTTKY DIODES STUD TYPE 50 A - TRANSYS Electronics Limited |
|
Click Here View 1N6098 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N5829 | SCHOTTKY DIODES STUD TYPE 25 A | TRANSYS Electronics Limited |
| 1N5832 | SCHOTTKY DIODES STUD TYPE 40 A | TRANSYS Electronics Limited |
| SBL3040C | SCHOTTKY BARRIER RECTIFIER DIODES | Unisonic Technologies |
| 1PS70SB40 | General-purpose Schottky diodes | NXP Semiconductors |
| CDSV6-4448TI-G | Small Signal Schottky Diodes | Comchip Technology |
| BAS70W | SURFACE MOUNT SCHOTTKY DIODES | Pan Jit International Inc. |
| RB751V-40 | SURFACE MOUNT SCHOTTKY DIODES | Pan Jit International Inc. |
| SBR250-10J | Schottky Barrier Diode Twin Type , Cathode Common 100V 25A Rectifier | Sanyo Semicon Device |
| SBT150-04Y | Schottky Barrier Diode Twin Type , Cathode Common 40V 15A Rectifier | Sanyo Semicon Device |
| SBT350-06L | Schottky Barrier Diode Twin Type , Cathode Common 60V 35A Rectifier | Sanyo Semicon Device |
Link URL |
|
|
Related keyword |
| 1N6098 Datasheet | 1N6098 Cross Reference | 1N6098 Schematic | 1N6098 Distributor | 1N6098 Datenblatt | 1N6098 RoHS |
| 1N6098 Equivalent | 1N6098 Application Notes | 1N6098 Data Sheet | 1N6098 component | 1N6098 Fiche Technique | 1N6098 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |