Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1008CT Datasheet (PDF) - Pan Jit International Inc.

UF1008CT Datasheet PDF - Pan Jit International Inc.
Part # UF1008CT
Download  UF1008CT Download

File Size   44.27 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description ULTRAFAST RECOVERY RECTIFIERS

UF1008CT Datasheet (PDF)

Go To PDF Page Download Datasheet
UF1008CT Datasheet PDF - Pan Jit International Inc.

Part # UF1008CT
Download  UF1008CT Click to download

File Size   44.27 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description ULTRAFAST RECOVERY RECTIFIERS

UF1008CT Datasheet (HTML) - Pan Jit International Inc.

UF1008CT Datasheet HTML 1Page - Pan Jit International Inc. UF1008CT Datasheet HTML 2Page - Pan Jit International Inc.

UF1008CT Product details

FEATURES

• Plastic package has Underwriters Laboratory

   Flammability Classification 94V-O utilizing

   Flame Retardant Epoxy Molding Compound.

• Exceeds environmental standards of MIL-S-19500/228

• Low power loss, high efficiency.

• Low forwrd voltge, high current capability

• High surge capacity.

• Ultra fast recovery time, high voltage.

• Both normal and Pb free product are available :

   Normal : 80~95% Sn, 5~20% Pb

   Pb free: 98.5% Sn above




Similar Part No. - UF1008CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1008CT WTE-UF1008CT Datasheet
48Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1008CT WTE-UF1008CT Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Yea Shin Technology Co....
UF1008CT YEASHIN-UF1008CT Datasheet
40Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
logo
PACELEADER INDUSTRIAL
UF1008CT PACELEADER-UF1008CT Datasheet
254Kb / 2P
   SUPERFAST mount reverse voltage
More results


Similar Description - UF1008CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100S PANJIT-UF100S_07 Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
UF4001 SEMTECH_ELEC-UF4001 Datasheet
188Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_09 Datasheet
95Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF3006PT PANJIT-UF3006PT Datasheet
64Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB510 DYELEC-MURB510 Datasheet
785Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1610CT DYELEC-SF1610CT Datasheet
665Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1060 DYELEC-SF1060 Datasheet
623Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
MUR20120C RECTRON-MUR20120C Datasheet
212Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
MUR6060PT RECTRON-MUR6060PT Datasheet
231Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB1610CT DYELEC-MURB1610CT Datasheet
801Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
MURB2010CT DYELEC-MURB2010CT Datasheet
943Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com