![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
GS1M - SURFACE MOUNT RECTIFIER - Pan Jit International Inc. |
|
Click Here View GS1M Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| B120 | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| US1A_1 | 1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER | Diodes Incorporated |
| SBG3030CT_1 | 30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| RH02_1 | 0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER | Diodes Incorporated |
| B130LAW_1 | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| SBR05U20LP | Surface Mount Super Barrier Rectifier | International Rectifier |
| UFM301 | SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes | Rectron Semiconductor |
| FM320B | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes | Rectron Semiconductor |
| MBRS1100T3_07 | Schottky Power Rectifier Surface Mount Power Package | ON Semiconductor |
| FM5820A | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes | Rectron Semiconductor |
Link URL |
|
|
Related keyword |
| GS1M Datasheet | GS1M Cross Reference | GS1M Schematic | GS1M Distributor | GS1M Datenblatt | GS1M RoHS |
| GS1M Equivalent | GS1M Application Notes | GS1M Data Sheet | GS1M component | GS1M Fiche Technique | GS1M Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |