|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CXOMHG - High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator - STATEK CORPORATION |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CXOM | Low Profile Miniature Surface Mount Crystal Oscillator | 1 2 | STATEK CORPORATION |
| ASF1 | 5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| CX3SMAT | Low Profile Miniature Surface Mount AT Quartz Crystal | 1 2 | STATEK CORPORATION |
| CX2SM | Low Profile Miniature Surface Mount Quartz Crystal | 1 2 | STATEK CORPORATION |
| LSM | Low Power Surface Mount Crystal Oscillator | 1 2 | STATEK CORPORATION |
| CX6SMAT | Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal | 1 2 | STATEK CORPORATION |
| CX3HSM | Low Profile Surface Mount Quartz Crystal for Series Oscillators | 1 2 | STATEK CORPORATION |
| HM65 | High Current Low Profile Surface Mount Inductors | 1 2 | List of Unclassifed Manufacturers |
| HM65 | High Current Low Profile Surface Mount Inductors | 1 2 | Bi technologies |
| ABLS2 | HC/49US AT49 LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL | 1 2 | Abracon Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|