|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CX6SMAT - Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal - STATEK CORPORATION |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CX6VSM | Ultra-Low Profile 1mm Miniature Surface Mount Quartz Crystal for Pierce Oscillators | 1 2 | STATEK CORPORATION |
| CX3SMAT | Low Profile Miniature Surface Mount AT Quartz Crystal | 1 2 | STATEK CORPORATION |
| CX3HSM | Low Profile Surface Mount Quartz Crystal for Series Oscillators | 1 2 | STATEK CORPORATION |
| ASF1 | 5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| CX4VSM | Ultra-Miniature Low Profile Surface Mount Quartz Crystal | 1 2 | STATEK CORPORATION |
| CX3VSM | Miniature Surface Mount Quartz Crystal for Pierce Oscillators | 1 2 | STATEK CORPORATION |
| CX9VSM | Ultra-Miniature Low Profile Surface Mount Quartz Crystal | 1 2 | STATEK CORPORATION |
| CX1SM | Miniature Surface Mount AT Quartz Crystal | 1 2 | STATEK CORPORATION |
| CXOM | Low Profile Miniature Surface Mount Crystal Oscillator | 1 2 | STATEK CORPORATION |
| ABLS2 | HC/49US AT49 LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL | 1 2 | Abracon Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|