|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CX6VSM1 - Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators - STATEK CORPORATION |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CX3HSM | Low Profile Surface Mount Quartz Crystal for Series Oscillators | 1 2 | STATEK CORPORATION |
| ASF1 | 5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| CX-2V | order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators | 1 2 | STATEK CORPORATION |
| CX9VSM | Ultra-Miniature Low Profile Surface Mount Quartz Crystal | 1 2 | STATEK CORPORATION |
| SSP-T | Surface Mount Quartz Crystal Units for Low Frequencies | 1 2 | List of Unclassifed Manufacturers |
| ASML | 3.3 Vdc HCMOS/TTL J-LEADED PLASTIC MOLDED SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| ABMM2 | CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS | 1 2 | Abracon Corporation |
| CX-7-SM | Ultra-Miniature Low Profile AT-Cut Surface Mount Crystal | 1 2 | STATEK CORPORATION |
| ABLS2 | HC/49US AT49 LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL | 1 2 | Abracon Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|