|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CX-2V - order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators - STATEK CORPORATION |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CX3HSM | Low Profile Surface Mount Quartz Crystal for Series Oscillators | 1 2 | STATEK CORPORATION |
| SSP-T | Surface Mount Quartz Crystal Units for Low Frequencies | 1 2 | List of Unclassifed Manufacturers |
| XC2141_1 | ICs for use with Crystal Oscillators | 1 2 3 4 5 | Torex Semiconductor |
| XC2163_1 | ICs for use with 3rd Overtone Crystal Oscillators | 1 2 3 4 5 More | Torex Semiconductor |
| ASF1 | 5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| ABM8L | CERAMIC SMD ULTRA MINIATURE CONTOUR MODE QUARTZ CRYSTAL | 1 2 | Abracon Corporation |
| 32S12 | Tuning Fork Quartz Crystal 32.768 kHz Plastic SMD | 1 2 | Pericom Semiconductor Corporation |
| ABM10 | CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL | 1 2 | Abracon Corporation |
| ABM11 | CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL | 1 | Abracon Corporation |
| CY2037_07 | High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators | 1 2 3 4 5 More | Cypress Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|