![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
LXOM - Low Power Crystal Oscillator - STATEK CORPORATION |
|
Click Here View LXOM Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LSM | Low Power Surface Mount Crystal Oscillator | STATEK CORPORATION |
| HA7210_05 | 10kHz to 10MHz Low Power Crystal Oscillator | Intersil Corporation |
| CX74063-3X | RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications | Skyworks Solutions Inc. |
| ML12149 | Low Power Voltage Controlled Oscillator Buffer | LANSDALE Semiconductor Inc. |
| CX74063-26 | RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output | Skyworks Solutions Inc. |
| ASSM | LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR | Abracon Corporation |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | Renesas Technology Corp |
| ICS552-01A | Crystal Oscillator & Multiplier with 8 Low Skew Outputs | Integrated Circuit Systems |
| ASD | LOW VOLTAGE HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR | Abracon Corporation |
Link URL |
|
|
Related keyword |
| LXOM Datasheet | LXOM Cross Reference | LXOM Schematic | LXOM Distributor | LXOM Datenblatt | LXOM RoHS |
| LXOM Equivalent | LXOM Application Notes | LXOM Data Sheet | LXOM component | LXOM Fiche Technique | LXOM Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |