![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Datasheet |
1E1 - SUPERFAST RECOVERY RECTIFIERS - Pan Jit International Inc. |
|
Click Here View 1E1 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| X25UFG | 2 500 V - 10 000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time | Voltage Multipliers Inc. |
| MR2400FR | 24 Amp Fast Recovery Rectifiers 50-1000 Volt | Micro Commercial Components |
| X150FG | 15 000 V - 20 000 V Rectifiers 25 mA - 50 mA Forward Current 200 ns Recovery Time | Voltage Multipliers Inc. |
| 1N4245_04 | OIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS | Microsemi Corporation |
| UFR8760 | ULTA FAST RECOVERY RECTIFIERS | Microsemi Corporation |
| BA157G_1 | 1.0 AMP. Glass Passivated Fast Recovery Rectifiers | Taiwan Semiconductor Company, Ltd |
| FR601G | 6.0 AMPS. Glass Passivated Fast Recovery Rectifiers | Taiwan Semiconductor Company, Ltd |
| F1T1_1 | 1.0 AMP. Fast Recovery Rectifiers | Taiwan Semiconductor Company, Ltd |
| FRF1001G_1 | Isolated 10 AMPS. Glass Passivated Fast Recovery Rectifiers | Taiwan Semiconductor Company, Ltd |
| 30DF1 | FAST RECOVERY RECTIFIERS | ETC |
Link URL |
|
|
Related keyword |
| 1E1 Datasheet | 1E1 Cross Reference | 1E1 Schematic | 1E1 Distributor | 1E1 Datenblatt | 1E1 RoHS |
| 1E1 Equivalent | 1E1 Application Notes | 1E1 Data Sheet | 1E1 component | 1E1 Fiche Technique | 1E1 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |