|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PJBZ5200Q - 500mW ZENERS IN QFN 1.2x1.5 mm² - Pan Jit International Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CMQ1332-QH | 12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier | 1 2 3 4 5 | Mimix Broadband |
| XX1001-QK | 18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier QFN 7x7mm | 1 2 3 4 5 | Mimix Broadband |
| BZX55C2V4_05 | Zeners | 1 2 3 4 5 | Fairchild Semiconductor |
| 1N5221B_1 | 500mW EPITAXIAL ZENER DIODE | 1 2 3 | Diodes Incorporated |
| XB1009-QT | 12.0-27.0 GHz GaAs MMIC Buffer Amplifier QFN | 1 2 3 4 5 More | Mimix Broadband |
| XX1002-QH_07 | 2.5-6.0/5.0-12.0 GHz Active Doubler QFN 4x4 mm | 1 2 3 4 5 More | Mimix Broadband |
| MMSZ5226B_04 | Zeners | 1 2 3 | Fairchild Semiconductor |
| MMSZ5221B_1 | 500mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| XD1004-QT | 10.0-40.0 GHz GaAs MMIC Distributed Amplifier QFN | 1 2 3 4 5 | Mimix Broadband |
| XX1003-QC | 14.0-17.0/28.0-34.0 GHz Active Doubler QFN 5x5mm | 1 2 3 4 5 | Mimix Broadband |
Datasheet Page |
1 2 3 |
Link URL |
|
|