|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRG4CC10KB - IRG4CC10KB IGBT Die in Wafer Form - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRG4CH40SB | IGBT Die in Wafer Form | 1 | International Rectifier |
| IRG4CC50WB | IGBT Die in Wafer Form 600 V Size 5 WARP Speed | 1 | Hittite Microwave Corporation |
| IRFC240 | HEXFET Power MOSFET Die in Wafer Form | 1 | International Rectifier |
| HF51A060ACE | Hexfred Die in Wafer Form | 1 | InterFET Corporation |
| HF20A060ACE | Hexfred Die in Wafer Form | 1 | International Rectifier |
| PLL602-00 | Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals | 1 2 3 4 | PhaseLink Corporation |
| 5SLX12M6500 | Fast-Diode Die | 1 2 3 | The ABB Group |
| LH1526AB | Dual 1 Form A Solid-State Relays | 1 2 3 4 5 More | Infineon Technologies AG |
| LCP-2125B4QDR | RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function | 1 2 3 4 5 More | Delta Electronics, Inc. |
| DIM200WHS17-A000 | Half Bridge IGBT Module | 1 2 3 4 5 More | Dynex Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|