|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BPC40C - 40W 10xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler - Bookham, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BAC40C-806-01 | 40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler | 1 2 3 4 | Bookham, Inc. |
| BAC110C | 110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler | 1 2 3 4 | Bookham, Inc. |
| BPC30C | 30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler | 1 2 3 4 | Bookham, Inc. |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|