|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM4050 - 50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages - Maxim Integrated Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM4040_07 | Precision micropower shunt voltage references | 1 2 3 4 5 More | Zetex Semiconductors |
| ALD2303A_07 | DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER | 1 2 3 4 5 More | Advanced Linear Devices |
| LM4041 | 1.225V Precision micropower shunt voltage reference | 1 2 3 4 5 More | Zetex Semiconductors |
| LM4040_07 | PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | Texas Instruments |
| ADR1581 | 1.25 V Micropower Precision Shunt Voltage Reference | 1 2 3 4 5 More | Analog Devices |
| ADR121 | Precision Micropower LDO Voltage References in TSOT | 1 2 3 4 5 More | Analog Devices |
| LM4040_07 | PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | Vishay Siliconix |
| REF19X | Precision Micropower Low Dropout Voltage References | 1 2 3 4 5 More | Analog Devices |
| LT1004-12 | MICROPOWER INTEGRATED VOLTAGE REFERENCES | 1 2 3 4 5 More | Texas Instruments |
| SPX431LJ | Low Voltage Adjustable Precision Shunt Regulator | 1 2 3 4 5 More | Sipex Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|