|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
L7915AC - 2% NEGATIVE VOLTAGE REGULATORS - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GE79XXA | 3-TERMINAL NEGATIVE VOLTAGE REGULATORS | 1 2 3 4 5 | GTM CORPORATION |
| GI79XX | 3-TERMINAL NEGATIVE VOLTAGE REGULATORS | 1 2 3 4 5 | GTM CORPORATION |
| MC79M00 | 500 mA Negative Voltage Regulators | 1 2 3 4 5 More | ON Semiconductor |
| GI79XXA | 3-TERMINAL NEGATIVE VOLTAGE REGULATORS | 1 2 3 4 5 | GTM CORPORATION |
| MC79L00_06 | 100 mA Negative Voltage Regulators | 1 2 3 4 5 More | ON Semiconductor |
| GJ79XX | 3-TERMINAL NEGATIVE VOLTAGE REGULATORS | 1 2 3 4 5 | GTM CORPORATION |
| MC7900_06 | 1.0 A Negative Voltage Regulators | 1 2 3 4 5 More | ON Semiconductor |
| GJ79XXA | 3-TERMINAL NEGATIVE VOLTAGE REGULATORS | 1 2 3 4 5 | GTM CORPORATION |
| MC79L00 | 100 mA Negative Voltage Regulators | 1 2 3 4 5 More | ON Semiconductor |
| GU79XX | 3-TERMINAL NEGATIVE VOLTAGE REGULATORS | 1 2 3 4 5 | GTM CORPORATION |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|