![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2N5486 - N-Channel JFETs - Vishay Siliconix |
|
Click Here View 2N5486 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| PH8030L | N-channel TrenchMOS logic level FET | NXP Semiconductors |
| 2SK2499 | SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE | NEC |
| FDS6994S | Dual Notebook Power Supply N-Channel PowerTrench SyncFET | Fairchild Semiconductor |
| SI4914DY | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | Vishay Siliconix |
| STGP3NB60K | N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT | STMicroelectronics |
| MRF6S27015NR1 | RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs | Freescale Semiconductor, Inc |
| UPA2450 | N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING | NEC |
| STF8NK100Z | N-CHANNEL 1000V - 1.60OHM - 6.5A - TO-220 - TO-220FP Zener-Protected SuperMESH TM MOSFET | STMicroelectronics |
| SI1970DH | Dual N-Channel 30-V D-S MOSFET | Vishay Siliconix |
| MRF1518T1 | RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET | Freescale Semiconductor, Inc |
Link URL |
|
|
Related keyword |
| 2N5486 Datasheet | 2N5486 Cross Reference | 2N5486 Schematic | 2N5486 Distributor | 2N5486 Datenblatt | 2N5486 RoHS |
| 2N5486 Equivalent | 2N5486 Application Notes | 2N5486 Data Sheet | 2N5486 component | 2N5486 Fiche Technique | 2N5486 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |