|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AKD5384_05 - 24bit 96kHz 4ch A/D converter - Asahi Kasei Microsystems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AKD5381-B | 24bit 96kHz A/D converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD5357-B | digital audio 24bit 96kHz A/D converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD5358A-B | digital audio 24bit 96kHz A/D converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD5365_06 | digital audio 24bit 96kHz A/D converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD4528_05 | 24Bit A/D & D/A converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD4552-A | 24bit A/D and D/A converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD4363_05 | 96kHz 24bit D/A converter with PLL | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD4620B-B_06 | 24Bit A/D & D/A converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD4563A_06 | 16bit 4ch A/D and 2ch D/A converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD5366_07 | digital audio 24bit 48kHz A/D converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 |
Link URL |
|
|