|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AKD5366VR-A - digital audio 24bit 48kHz A/D converter - Asahi Kasei Microsystems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AKD5366_07 | digital audio 24bit 48kHz A/D converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD5357-B | digital audio 24bit 96kHz A/D converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD5358A-B | digital audio 24bit 96kHz A/D converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD5365_06 | digital audio 24bit 96kHz A/D converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD5355_06 | portable digital audio 16bit A/D converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| CS5330A_06 | 8-Pin Stereo A/D Converter for Digital Audio | 1 2 3 4 5 More | Cirrus Logic |
| AKD5356 | digital audio 20bit A/D converter with Pre-Amp and Analog Volume. | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| CS8420_07 | DIGITAL AUDIO SAMPLE RATE CONVERTER | 1 2 3 4 5 More | Cirrus Logic |
| AK4115 | High Feature 192kHz 24bit Digital Audio Interface Transceiver | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| AKD4528_05 | 24Bit A/D & D/A converter | 1 2 3 4 5 More | Asahi Kasei Microsystems |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 |
Link URL |
|
|