Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      AK4628A(3)    AK4628V(1)

Featured Products and Offers


Datasheet

    AK4628A - single chip CODEC that includes two channels of ADC and eight channels of DAC. - Asahi Kasei Microsystems

Page

 
Part No. AK4628A
Description  single chip CODEC that includes two channels of ADC and eight channels of DAC.
Download  AK4628A Click to view
File Size   501.33 Kbytes / 44 Pages
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AKD4589-Bgle chip 24bit CODEC that has two channels of ADC 1 2 3 4 5 MoreAsahi Kasei Microsystems
EMC1152SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels 1 2 3 SMSC Corporation
ST7LITE49M8-bit MCU with single voltage Flash memory data EEPROM ADC 8/12-bit timers and I²C interface 1 2 3 4 5 MoreSTMicroelectronics
ARM720TGeneral-purpose 32-bit Microprocessor with 8KB cache enlarged Write buffer and Memory Management Unit MMU combined in a single chip 1 2 3 4 5 MoreList of Unclassifed Manufacturers
V2F105A150Y2EDPAVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip 1 2 3 4 5 MoreAVX Corporation
TLV320AIC26_07LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC 1 2 3 4 5 MoreTexas Instruments
LB8682PLMonolithic Digital IC For Camera Cell Phone Motor Driver Two Saturated Drive Channels and One Constant-Current Drive Channel 1 2 3 4 5 Sanyo Semicon Device
PCM2904STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF 1 2 3 4 5 MoreBurr-Brown Corporation
PCM2900_07STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF 1 2 3 4 5 MoreBurr-Brown Corporation
ADT7516_06SPI-/I2C-Compatible Temperature Sensor 4-Channel ADC and Quad Voltage Output 1 2 3 4 5 MoreAnalog Devices

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Link URL

Related keyword

  AK4628A Datasheet   AK4628A Cross Reference   AK4628A Schematic   AK4628A Distributor   AK4628A Datenblatt   AK4628A RoHS
  AK4628A Equivalent   AK4628A Application Notes   AK4628A Data Sheet   AK4628A component   AK4628A Fiche Technique   AK4628A Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl